PART |
Description |
Maker |
BD80C0AFPS BD80C0AFPS10 BD90C0AFPS BD80C0AFPS-E2 |
Standard Fixed Output LDO Regulators 8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO2 ROHS COMPLIANT, TO-252, 3 PIN
|
Rohm IDEC, Corp.
|
BD12IC0WEFJ-E2 BD25IC0WEFJ BD15IC0WEFJ-E2 BD12IC0W |
1A Fixed Output LDO Regulators 1A Variable Output LDO Regulators
|
ROHM
|
BD18GC0WEFJ BD15GC0WEFJ BD18GC0WEFJ-E2 BD25GC0WEFJ |
1A Fixed Output LDO Regulators 1A Variable Output LDO Regulators
|
ROHM
|
BD80C0AFPS-LBE2 BD90C0AFPS-LB |
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
|
Rohm Rohm Co., Ltd.
|
BD15KA5FP-E2 BD15KA5WF-E2 BD15KA5WFP-E2 BDXXKA5W B |
500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit low-saturation regulators that are available for output currents up to 500mA.
|
Rohm
|
BD33IA5WEFJ BD00IA5WEFJ-E2 BD12IA5WEFJ-E2 BD18IA5W |
500mA Fixed Output LDO Regulators 500mA Variable Output LDO Regulators
|
ROHM
|
BA63JC5T BA90JC5T BA33JC5T |
1.5A Variable/Fixed Output LDO Regulators
|
ROHM
|
APE8838RGN2-HF |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 2 X 2 MM, HALOGEN AND LEAD FREE, DFN-6 DUAL CHANNEL LDO REGULATORS WITH ENABLE
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
BA30E00WHFP BA3259HFP BA3259HFP11 |
Secondary Dual-Output (Fixed/Variable) LDO Regulators
|
Rohm
|
APU1207M-18 APU1206H-18 APU1206H-25 APU1206K-25 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO8 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO3
|
Advanced Power Electronics, Corp.
|
BD00HC5WEFJ-E2 BD33HC5WEFJ-E2 |
1.5A Variable / Fixed Output LDO Regulators 1.5A Variable / Fixed Output LDO Regulators
|
Rohm
|